Part Number Hot Search : 
220LR TT214 2SA95 A1102 MV833X 128MP MC3403DT MC3403DT
Product Description
Full Text Search
 

To Download 066392U063JT2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 066/066R 85 C & 105 C, Standard, Axial Leaded, Aluminum
85 C & 105 C, Standard
Ideal for general purpose use where long life at rated temperature and operating voltage are important. Type 066 is equipped with a molded top and uses an o-ring to ensure a long life seal and an expected life of more than ten years in most applications. Type 066X has extra capacitance. Type 066R has lower ESR and higher ripple capability.
Highlights
Long life, more than ten years in most applications Molded top Low DCL High Ripple General purpose
Specifications
Operating Temperature: Rated Voltage: Capacitance: Capacitance Tolerance: Leakage Current: Ripple Current Multipliers: 40 C to +85 C (Type 066R 40 C to +105 C) 6.3 to 450 Vdc 8.2 F to 68,000 F 10 + 75% 0.005 CV A @ +25 C, 0.04 CV A @ 85 C Ambient Temperature 45 C 2.24 1.68 55 C 2.00 1.54 65 C 1.73 1.38 75 C 1.41 1.21 85 C 1.00 1.00 95 C 0.0 0.74 105 C 0.0 0.30
Type 066 066R
Frequency 0-60 F 61-200 F 201-450 F Load Life: 50 Hz 0.85 0.83 0.80 60 Hz 1.00 1.00 1.00 120 Hz 1.10 1.15 1.15 360 Hz 1 kHz 1.15 1.15 1.20 1.30 1.20 1.30 5 kHz 1.15 1.20 1.30 10 kHz+ 1.15 1.20 1.30
Shelf Life: Vibration:
1,000 h @ +85 C Capacitance 10% ESR 150% of limit DCL 100% of limit 100 h at 85 C, capacitance, ESR and DCL, initial requirements 10 to 55 Hz; 0.06" and 10 g max, 2 h. in each plane
Outline Drawings
d
1.5" min (38mm min)
L
1.5" min (38mm min) 0.75"
D
d = 20 AWG for D < 0.75", 18 AWG for D
CDM Cornell Dubilier * 140 Technology Place. * Liberty, SC* 29657 * Phone: (864)843-2277 * Fax: (864) 843-3800 * www.cde.com
Type 066/066R 85 C & 105 C, Standard, Axial Leaded, Aluminum
Case Dimensions
Case Code FE FJ FL FP FS FT GE GJ GL GP GS GT Inches .016 L max 1.250 1.750 2.250 2.750 3.250 3.750 1.250 1.750 2.250 2.750 3.250 3.750 mm .397 L max 16.13 16.13 16.13 16.13 16.13 16.13 19.30 19.30 19.30 19.30 19.30 19.30 31.75 44.45 57.15 69.85 82.55 95.25 31.75 57.15 69.85 69.85 82.55 95.25 Case Code HE HJ HL HP HS HT JE JJ JL JP JS JT Inches .016 L max .885 .885 .885 .885 .885 .885 1.010 1.010 1.010 1.010 1.010 1.010 1.250 1.750 2.250 2.750 3.250 3.750 1.250 1.750 2.250 2.750 3.250 3.75 mm .397 L max 22.48 22.48 22.48 22.48 22.48 25.65 25.65 25.65 25.65 25.65 25.65 25.65 31.75 44.45 57.15 69.85 82.55 95.25 31.75 44.45 44.45 57.15 69.85 82.55
D
D
D
D
.635 .635 .635 .635 .635 .635 .760 .760 .760 .760 .760 .760
Part Numbering System
066 Type
066 066X 066R
682 Capacitance
U Tolerance
6R3 Voltage
6R3=6.3 Vdc 063=63 Vdc 100=100 Vdc
JE Case Code
2 Insulation
0 = Bare Can 1 = Polyester 2 = PVC
E Epoxy Endseal
E = Epoxy (blank) = No Epoxy
6R8=6.8 F U= 10%+75% 680=68 F T= 10%+50% 681=680 F 682=6800 F
Typical Performance Curves
Impedance vs. Frequency - 800 F @ 25 Vdc Temperature Characteristics - 800 F @ 25 Vdc
CDM Cornell Dubilier * 140 Technology Place. * Liberty, SC* 29657 * Phone: (864)843-2277 * Fax: (864) 843-3800 * www.cde.com
Type 066/066R 85 C & 105 C, Standard, Axial Leaded, Aluminum
Ratings
Cap. ( F) Catalog Part Number Ripple A Nominal ESR Max. @ 85 C Size (in) 120 Hz 20 kHz 120 Hz 20 kHz D x L 6.3 Vdc (8 Vdc Surge) 1800 2700 3900 4700 5600 5600 5600 6800 8200 10000 10000 12000 12000 15000 15000 18000 18000 22000 22000 27000 27000 33000 33000 33000 39000 47000 47000 56000 56000 68000 68000 066182U6R3FE2 066272U6R3GE2 066392U6R3FJ2 066472U6R3HE2 066562U6R3GJ2 066R562U6R3GE2 066X562U6R3GE2 066682U6R3JE2 066822U6R3HJ2 066103U6R3FS2 066R103U6R3GJ2 066123U6R3GP2 066X123U6R3GJ2 066153U6R3HL2 066R153U6R3HJ2 066183U6R3JL2 066X183U6R3HJ2 066223U6R3HS2 066R223U6R3HL2 066273U6R3JP2 066X273U6R3HL2 066333U6R3JS2 066R333U6R3JL2 066X333U6R3JL2 066393U6R3JT2 066R473U6R3JP2 066X473U6R3JP2 066R563U6R3JS2 066X563U6R3JS2 066R683U6R3JT2 066X683U6R3JT2 0.520 0.340 0.260 0.230 0.170 0.340 0.340 0.180 0.120 0.110 0.170 0.093 0.170 0.080 0.120 0.062 0.120 0.052 0.080 0.049 0.080 0.042 0.062 0.062 0.037 0.049 0.049 0.041 0.041 0.037 0.037 0.281 0.185 0.141 0.126 0.096 0.185 0.185 0.104 0.065 0.06 0.096 0.052 0.096 0.045 0.065 0.036 0.065 0.03 0.045 0.029 0.045 0.024 0.036 0.036 0.022 0.028 0.028 0.024 0.024 0.022 0.022 0.68 0.85 1.10 1.10 1.40 1.20 0.85 1.30 1.80 2.50 2.00 3.50 1.40 2.60 2.60 3 1.8 3.8 3.6 3.7 2.6 4.4 4.3 3 4.9 5.3 3.8 6.2 4.4 7.0 4.9 0.86 1.1 1.4 1.3 1.8 1.5 1.1 1.5 2.2 3.0 2.5 4.3 1.8 3.1 3.1 3.5 2.2 4.4 4.3 4.3 3.1 4.9 5.0 3.5 5.5 6.1 4.3 7.0 4.9 7.8 5.5 5/8 X 1 1/8 3/4 X 1 1/8 5/8 X 1 5/8 7/8 X 1 1/8 3/4 X 1 5/8 3/4 X 1 1/8 3/4 X 1 1/8 1 X 1 1/8 7/8 X 1 5/8 5/8 X 3 1/8 3/4 X 1 5/8 3/4 X 2 5/8 3/4 X 1 5/8 7/8 X 2 1/8 7/8 X 1 5/8 1 x 2 1/8 7/8 x 1 5/8 7/8 x 3 1/8 7/8 x 2 1/8 1 x 2 5/8 7/8 x 2 1/8 1 x 3 1/8 1 x 2 1/8 1 x 2 1/8 1 x 3 5/8 1 X 2 5/8 1 X 2 5/8 1 X 3 1/8 1 X 3 1/8 1 X 3 5/8 1 X 3 5/8 47000 47000 56000 56000 68000 Cap. ( F) Catalog Part Number Ripple A Nominal ESR Max. @ 85 C Size (in) 120 Hz 20 kHz 120 Hz 20 kHz D x L
7.5 Vdc (9 Vdc Surge) (cont'd) 066R473U7R5JS2 066X473U7R5JP2 0662563U7R5JT2 066X563U7R5JS2 066X683U7R5JT2 0.042 0.049 0.037 0.042 0.037 0.024 0.028 0.022 0.024 0.022 6.2 3.7 6.9 4.3 4.9 7.0 4.3 7.8 4.9 5.5 1 X 3 1/8 1 X 2 5/8 1 X 3 5/8 1 X 3 1/8 1 X 3 5/8
10 Vdc (12 Vdc Surge) 1200 1800 2700 3900 3900 4700 5600 6800 8200 8200 10000 12000 12000 15000 15000 18000 18000 22000 22000 27000 27000 33000 33000 39000 47000 47000 56000 56000 066122U010FE2 066182U010GE2 066272U010FJ2 066392U010GJ2 066R392U010GE2 066X472U010GE2 066562U010HJ2 066682U010GP2 066822U010HL2 066R822U010GJ2 066X103U010GJ2 066123U010HJ2 066123U010JL2 066153U010HS2 066X153U010HJ2 066LR183U010HL2 066183U010JP2 066223U010JS2 066X223U010HL2 066273U010JT2 066R273U010JL2 066R333U010JP2 066X333U010JL2 066X393U010JP2 066R473U010JS2 066X473U010JS2 066R563U010JT2 066X563U010JT2 0.520 0.340 0.260 0.170 0.340 0.340 0.120 0.094 0.081 0.170 0.170 0.120 0.063 0.053 0.120 0.081 0.050 0.042 0.081 0.037 0.063 0.049 0.063 0.049 0.042 0.042 0.037 0.037 0.281 0.185 0.141 0.096 0.185 0.185 0.065 0.052 0.045 0.096 0.096 0.065 0.036 0.03 0.065 0.045 0.029 0.024 0.045 0.022 0.036 0.028 0.036 0.028 0.024 0.024 0.022 0.022 0.67 0.84 1.1 1.4 1.2 0.84 1.8 3.5 2.5 2.0 1.4 2.6 3.0 3.7 1.8 3.6 3.7 4.3 2.5 4.9 4.3 5.3 3.0 3.7 6.2 4.3 6.9 4.9 0.86 1.1 1.4 1.8 1.5 1.1 2.2 4.3 3.1 2.5 1.8 3.1 3.5 4.4 2.2 4.3 4.3 4.9 3.1 5.5 5.0 6.1 3.5 4.3 7.0 4.9 7.8 5.5 5/8 X 1 1/8 3/4 X 1 1/8 5/8 X 1 5/8 3/4 X 1 5/8 3/4 X 1 1/8 3/4 X 1 1/8 7/8 X 1 5/8 3/4 X 2 5/8 7/8 X 2 1/8 3/4 X l 5/8 3/4 X 1 5/8 7/8 X 1 5/8 1 X 2 1/8 7/8 X 3 1/8 7/8 X l 5/8 7/8 X 2 1/8 1 X 2 5/8 1 X 3 1/8 7/8 X 2 1/8 1 X 3 5/8 1 x 2 1/8 1 x 2 5/8 1 x 2 1/8 1 x 2 5/8 1 x 3 1/8 1 x 3 l/8 1 x 3 5/8 1 x 3 5/8
7.5 Vdc (9 Vdc Surge) 1800 2700 3300 3900 4700 5600 5600 8200 8200 10000 10000 12000 15000 15000 18000 22000 22000 22000 27000 33000 33000 33000 39000 066182U7R5FE2 066272U7RSGE2 066332U7R5FJ2 066392U7R5HE2 066R472U7R5GE2 066562U7R5GJ2 066X562U7R5GE2 066822U7R5FS2 066822U7R5HJ2 066103U7R5GP2 066R103U7R5GJ2 066123U7R5HL2 066R153U7R5HJ2 066X153U7R5HJ2 066183U7R5JL2 066223U7R5JP2 066R223U7R5HL2 066X223U7R5HL2 066273U7R5JS2 066333U7R5JT2 066R333U7R5JL2 066X333U7R5JL2 066R393U7RSJP2 0.520 0.340 0.260 0.230 0.340 0.170 0.340 0.110 0.120 0.094 0.170 0.081 0.120 0.120 0.063 0.050 0.081 0.081 0.042 0.037 0.063 0.063 0.049 0.281 0.185 0.141 0.126 0.185 0.096 0.185 0.06 0.065 0.052 0.096 0.045 0.065 0.065 0.036 0.029 0.045 0.045 0.024 0.022 0.036 0.036 0.028 0.67 0.84 1.10 1.10 1.20 1.40 0.84 2.40 1.80 3.50 2.00 2.50 2.60 1.80 3.00 3.70 3.60 2.50 4.30 4.90 4.30 3.00 5.30 0.86 1.1 1.4 1.3 1.5 1.8 1.1 3.0 2.2 4.3 2.5 3.1 3.1 2.2 3.5 4.3 4.3 3.1 4.9 5.5 5.0 3.5 6.1 5/8 X 1 1/8 3/4 X 1 1/8 5/8 X 1 5/8 7/8 X 1 1/8 3/4 X 1 1/8 3/4 X 1 5/8 3/4 X 1 1/8 5/8 X 3 1/8 7/8 X 1 5/8 3/4 X 2 5/8 3/4 X 1 5/8 7/8 X 2 1/8 7/8 X 1 5/8 7/8 X 1 5/8 1 X 2 1/8 1 X 2 5/8 7/8 X 2 1/8 7/8 X 2 1/8 1 X 3 1/8 1 X 3 5/8 1 X 2 1/8 1 X 2 1/8 1 X 2 5/8
16 Vdc (20 Vdc Surge) 1000 1500 2200 2700 3300 3300 4700 5600 5600 6800 6800 8200 10000 10000 12000 12000 15000 15000 18000 18000 066102U016FE2 066152U016GE2 066222U016FJ2 066R272U016GE2 066332U016GJ2 066X332U016GE2 066472U016HJ2 066R562U016GJ2 066562U016GP2 066682U016HL2 066X682U016GJ2 066R822U016HJ2 066103U016JL2 066X103U016HJ2 066123U016HS2 066R123U016HL2 066153U016JP2 066X153U016HL2 066183U016JS2 066R183U016JL2 0.520 0.340 0.260 0.340 0.170 0.340 0.120 0.170 0.094 0.081 0.170 0.120 0.063 0.120 0.053 0.081 0.050 0.081 0.042 0.063 0.281 0.185 0.141 0.185 0.096 0.185 0.065 0.096 0.052 0.045 0.096 0.065 0.036 0.065 0.03 0.045 0.029 0.045 0.024 0.036 0.67 0.84 1.1 1.2 1.4 0.84 1.8 2.0 3.5 2.5 1.4 2.6 3.0 1.8 3.7 3.6 3.7 2.5 4.3 4.3 0.86 1.1 1.4 1.5 1.8 1.1 2.2 2.5 4.3 3.1 1.8 3.1 3.5 2.2 4.4 4.3 4.3 3.1 4.9 5.0 5/8 X 1 1/8 3/4 X 1 1/8 5/8 X 1 5/8 4/4 X 1 1/8 3/4 X l 5/8 3/4 x 1 l/8 7/8 x 1 5/8 3/4 x 1 5/8 3/4 x 2 5/8 7/8 x 2 1/8 3/4 x 1 5/8 7/8 x 1 5/8 1 x 2 1/8 7/8 x 1 5/8 7/8 x 3 1/8 7/8 x 2 1/8 1 x 2 5/8 7/8 x 2 1/8 1 x 3 1/8 1 x 2 1/8
CDM Cornell Dubilier * 140 Technology Place. * Liberty, SC* 29657 * Phone: (864)843-2277 * Fax: (864) 843-3800 * www.cde.com
Type 066/066R 85 C & 105 C, Standard, Axial Leaded, Aluminum
Ripple A Nominal ESR Max. @ 85 C Size (in) 120 Hz 20 kHz 120 Hz 20 kHz D x L Ripple A Nominal ESR Max. @ 85 C Size (in) 120 Hz 20 kHz 120 Hz 20 kHz D x L
Cap. ( F)
Catalog Part Number
Cap. ( F)
Catalog Part Number
16 Vdc (20 Vdc Surge) (cont'd) 22000 22000 22000 27000 27000 33000 33000 39000 066223U016JT2 066R223U016JP2 066X223U016JL2 066R273U016JS2 066X273U016JP2 066R333U016JT2 066X333U016JS2 066X393U016JT2 0.037 0.049 0.063 0.042 0.049 0.037 0.042 0.037 0.022 0.028 0.036 0.024 0.028 0.022 0.024 0.022 4.9 5.3 3.0 6.2 3.7 6.9 4.3 4.9 5.5 6.1 3.5 7.0 4.3 7.8 4.9 5.5 1 x 3 5/8 1 x 2 5/8 1 x 2 1/8 1 x 3 1/8 1 x 2 5/8 1 x 3 5/8 1 x 3 1/8 1 x 3 5/8 8200 8200 10000 10000 12000 12000 15000 18000
35 Vdc (45 Vdc Surge) (cont'd) 066822U035JS2 066R822U035JL2 066R103U035JP2 066X103U035JL2 066R123U035JS2 066X123U035JP2 066R153U035JT2 066X183U035JT2 0.045 0.067 0.053 0.067 0.044 0.053 0.039 0.039 0.025 0.037 0.030 0.037 0.025 0.030 0.023 0.023 4.1 4.0 4.9 2.8 5.8 3.5 6.5 4.6 4.7 4.7 5.8 3.3 6.7 4.1 7.4 5.3 1 x 3 1/8 1 x 2 1/8 1 x 2 5/8 1 x 2 1/8 1 x 3 1/8 1 x 2 5/8 1 x 3 5/8 1 x 3 5/8
25 Vdc (35 Vdc Surge) 560 820 1000 1200 1800 1800 2200 2700 3900 3900 4700 5600 5600 6800 6800 8200 8200 10000 10000 12000 15000 15000 18000 22000 22000 22000 27000 066561U025FE2 066821U025GE2 066102U025FJ2 066122U025HE2 066182U025GJ2 066R182U025GE2 066X222U025GE2 066272U025HJ2 066392U025HL2 066R392U025GJ2 066X472U025GJ2 066562U025JL2 066R562U025HJ2 066682U025JP2 066X682U025HJ2 066822U025JS2 066R822U025HL2 066103U025JT2 066xl03U025HL2 066R123U025JL2 066R153U025JP2 066X153U025JL2 066X183U025JP2 066R223U025JS2 066R223U025JT2 066X223U025JS2 066X273U025JT2 0.510 0.340 0.260 0.240 0.170 0.330 0.330 0.120 0.082 0.170 0.170 0.066 0.120 0.051 0.120 0.043 0.080 0.038 0.080 0.062 0.049 0.062 0.049 0.041 0.037 0.041 0.037 0.267 0.178 0.133 0.126 0.089 0.170 0.170 0.065 0.045 0.089 0.089 0.037 0.062 0.030 0.062 0.025 0.043 0.023 0.043 0.035 0.027 0.035 0.027 0.024 0.021 0.024 0.021 0.66 0.82 1.1 1.1 1.4 1.2 0.84 1.8 2.5 2.0 1.4 2.8 2.6 3.5 1.8 4.1 3.6 4.7 2.5 4.2 5.2 3.0 3.7 6.1 6.9 4.3 4.9 0.87 1.1 1.5 1.3 1.8 1.5 1.1 2.1 3.0 2.6 1.8 3.3 3.2 4.1 2.2 4.7 4.4 5.2 3.1 5.0 6.1 3.5 4.3 7.0 7.8 5.0 5.5 5/8 x 11/8 3/4 x 11/8 5/8 x 1 5/8 7/8 x 1 1/8 3/4 x 1 5/8 3/4 x 1 1/8 3/4 x 1 1/8 7/8 x 1 5/8 7/8 x 2 1/8 3/4 x 1 5/8 3/4 x 1 5/8 1 x 2 1/8 7/8 x 1 5/8 1 x 2 5/8 7/8 x 1 5/8 1 x 3 1/8 7/8 x 2 1/8 1 x 3 5/8 7/8 x 2 l/8 1 x 2 1/8 1 x 2 5/8 1 x 2 1/8 1 x 2 5/8 1 x 3 1/8 1 x 3 5/8 1 x 3 1/8 1 x 3 5/8 270 470 560 680 680 820 820 1000 1200 1200 1500 1800 1800 2200 2700 2700 3300 3300 3900 3900 3900 4700 5600 5600 5600 6800 6800 8200 10000 12000
50 Vdc (70 Vdc Surge) 066271U050FE2 066471U050GE2 066561U050FJ2 066681U050HE2 066R681U050GE2 066821U050GJ2 066X821U050GE2 066102U050JE2 066122U050HJ2 066R122U050GJ2 066152U050FS2 066182U050HL2 066X182U050GJ2 066R222U050HJ2 066272U050JL2 066X272U050HJ2 066332U050HS2 066R332U050HL2 066392U050JP2 066R392U050JL2 066X392U050HL2 066472U050JS2 066562U050JT2 066R562U050JP2 066X562UOSOJL2 066R682U050JS2 066X682U050JP2 066R822U050JT2 066X103U050JS2 066X123U050JT2 0.680 0.450 0.340 0.310 0.450 0.230 0.450 0.240 0.160 0.230 0.140 0.110 0.230 0.160 0.083 0.160 0.068 0.110 0.064 0.082 0.110 0.054 0.047 0.064 0.082 0.053 0.064 0.047 0.053 0.047 0.274 0.185 0.141 0.133 0.185 0.096 0.185 0.104 0.067 0.096 0.060 0.047 0.096 0.067 0.039 0.067 0.031 0.046 0.030 0.038 0.046 0.026 0.023 0.030 0.038 0.026 0.030 0.023 0.026 0.023 0.54 0.68 0.91 0.88 0.96 1.1 0.68 1.0 1.5 1.6 2.0 2.1 1.1 2.1 2.5 1.5 3.1 3.0 3.1 3.5 2.1 3.7 4.2 4.4 2.5 5.2 3.1 5.9 3.7 4.2 0.84 1.0 1.4 1.3 1.4 1.7 1.0 1.4 2.1 2.4 3.0 2.9 1.7 3.0 3.2 2.1 4.2 4.1 4.0 4.6 2.9 4.6 5.2 5.7 3.3 6.6 4.0 7.4 4.7 5.2 5/8 x 1 1/8 3/4 x 1 1/8 5/8 x 1 5/8 7/8 x 1 1/8 3/4 x 1 1/8 3/4 x 1 5/8 3/4 x 1 1/8 1 x 1 1/8 7/8 x 1 5/8 3/4 x 1 5/8 5/8 x 3 1/8 7/8 x 2 1/8 3/4 x 1 5/8 7/8 x 1 5/8 1 x 2 1/8 7/8 x 1 5/8 7/8 x 3 1/8 7/8 x 2 1/8 1 x 2 5/8 1 x 2 1/8 7/8 x 2 1/8 1 x 3 1/8 1 x 3 5/8 1 x 2 5/8 1 x 2 1/8 1 x 3 1/8 1 x 2 5/8 1 x 3 5/8 1 x 3 1/8 1 x 3 5/8
35 Vdc (45 Vdc Surge) 470 680 820 1200 1200 1500 1500 2200 2200 2700 3300 3300 3900 4700 4700 5600 5600 6800 066471U035FE2 066681U035GE2 066821U035FJ2 066122U035HE2 066R122LI035GE2 066152U035GJ2 066X152U035GE2 066222U035HJ2 066R222U035GJ2 066272U035GP2 066332U035HL2 066X332U035GJ2 066R392U035HJ2 066X472U035HJ2 066472U035JL2 066562U035JP2 066R562U035HL2 066X682U035HL2 0.540 0.350 0.270 0.250 0.350 0.180 0.350 0.120 0.180 0.098 0.085 0.180 0.120 0.120 0.068 0.053 0.085 0.085 0.267 0.178 0.133 0.126 0.178 0.089 0.178 0.065 0.089 0.05 0.045 0.089 0.065 0.065 0.038 0.03 0.045 0.045 0.64 0.8 1.1 1.0 1.1 1.3 0.8 1.7 1.9 3.3 2.4 1.3 2.4 1.7 2.8 3.5 3.4 2.4 0.86 1.0 1.4 1.3 1.5 1.7 1.0 2.1 2.5 4.2 3.0 1.7 3.0 2.1 3.3 4.1 4.2 3.0 5/8 x 1 1/8 3/4 x 1 1/8 5/8 x 1 5/8 7/8 x 1 1/8 3/4 x 1 1/8 3/4 x 1 5/8 3/4 x 1 1/8 7/8 x 1 5/8 3/4 x 1 5/8 3/4 x 2 5/8 7/8 x 2 1/8 3/4 x 1 5/8 7/8 x 1 5/8 7/8 x 1 5/8 1 x 2 1/8 1 x 2 5/8 7/8 x 2 1/8 7/8 x 2 1/8
63 Vdc (80 Vdc Surge) 180 270 390 470 560 560 680 820 820 1000 1200 1200 1500 1500 1800 066181U063FE2 066271U063GE2 066391U063FJ2 066R471U063GE2 066561U063GJ2 066X561U063GE2 066681U063JE2 066821U063HJ2 066R821U063GJ2 066102U063FS2 066122U063GP2 066X122U063GJ2 066152U063HL2 066R152U063HJ2 066182U063JL2 0.810 0.530 0.410 0.530 0.270 0.530 0.280 0.180 0.270 0.170 0.140 0.270 0.120 0.180 0.095 0.281 0.185 0.141 0.185 0.096 0.185 0.111 0.068 0.096 0.061 0.053 0.096 0.047 0.067 0.039 0.48 0.6 0.81 0.86 1.0 0.61 0.96 1.3 1.4 1.8 2.6 1.0 1.9 1.9 2.3 0.83 1.0 1.4 1.4 1.7 1.0 1.4 2.1 2.4 2.9 4.1 1.7 2.9 2.9 3.2 5/8 x 1 1/8 3/4 x 1 1/8 5/8 x 1 5/8 3/4 x 1 1/8 3/4 x 1 5/8 3/4 x 1 1/8 1 x 1 1/8 7/8 x 1 5/8 3/4 x 1 5/8 5/8 x 3 1/8 3/4 x 2 5/8 3/4 x 1 5/8 7/8 x 2 1/8 7/8 x 1 5/8 1 x 2 1/8
CDM Cornell Dubilier * 140 Technology Place. * Liberty, SC* 29657 * Phone: (864)843-2277 * Fax: (864) 843-3800 * www.cde.com
Type 066/066R 85 C & 105 C, Standard, Axial Leaded, Aluminum
Ripple A Nominal ESR Max. @ 85 C Size (in) 120 Hz 20 kHz 120 Hz 20 kHz D x L Ripple A Nominal ESR Max. @ 85 C Size (in) 120 Hz 20 kHz 120 Hz 20 kHz D x L
Cap. ( F)
Catalog Part Number
Cap. ( F)
Catalog Part Number
63 Vdc (80 Vdc Surge) (cont'd) 1800 2200 2200 2700 2700 2700 3300 3900 3900 3900 4700 5600 5600 6800 8200 066X182U063HJ2 066222U063HS2 066R222U063HL2 066R272U063JL2 066X272U063HL2 066272U063JP2 066332U063JS2 066392U063JT2 066R392U063JP2 066X392U063JL2 066R472U063JS2 066R562U063JT2 066X562U063JP2 066X682U063JS2 066X822U063JT2 0.180 0.079 0.120 0.095 0.120 0.074 0.061 0.053 0.073 0.095 0.061 0.053 0.073 0.061 0.053 0.067 0.031 0.047 0.039 0.047 0.03 0.026 0.024 0.03 0.039 0.026 0.024 0.030 0.026 0.024 1.3 2.9 2.7 3.2 1.9 2.9 3.4 3.9 4.1 2.3 4.8 5.5 2.9 3.4 3.9 2.1 4.2 4.1 4.6 2.9 4.0 4.6 5.2 5.7 3.2 6.6 7.3 4.0 4.6 5.2 7/8 x 1 5/8 7/8 x 3 1/8 7/8 x 2 1/8 1 x 2 1/8 7/8 x 2 1/8 1 x 2 5/8 1 x 3 1/8 1 x 3 5/8 1 x 2 5/8 1 x 2 1/8 1 x 3 1/8 1 x 3 5/8 1 x 2 5/8 1 x 3 1/8 1 x 3 5/8 100 120 150 150 180 220 220 270 270 330 330 390 390 470
200 Vdc (250 Vdc Surge) (cont'd) 066R101U200HJ2 066121U200HJ2 066151U200GP2 066R151U200HL2 066181U200HL2 066221U200JL2 066R221U200JL2 066271U200HS2 066R271U200JP2 066331U200JP2 066R331U200JS2 066R391U200JT2 066391U200JS2 066471U200JT2 0.420 0.420 0.320 0.280 0.280 0.210 0.210 0.170 0.160 0.160 0.130 0.110 0.130 0.110 0.193 0.193 0.141 0.126 0.126 0.096 0.096 0.081 0.073 0.073 0.061 0.052 0.061 0.052 1.2 0.88 1.7 1.8 1.3 1.6 2.2 2.0 2.8 2.0 3.4 3.9 2.4 2.8 1.7 1.2 2.4 2.4 1.7 2.1 2.9 2.6 3.7 2.6 4.4 5.1 3.1 3.6 7/8 x 1 1/8 7/8 x 1 5/8 3/4 x 2 5/8 7/8 x 2 1/8 7/8 x 2 1/8 1 x 2 1/8 1 x 2 1/8 7/8 x 3 1/8 1 x 2 5/8 1 x 2 5/8 1 x 3 1/8 1 x 3 5/8 1 x 3 1/8 1 x 3 5/8
250 Vdc (300 Vdc Surge) 22 22 33 39 47 47 56 68 68 100 120 120 150 150 220 220 270 270 330 330 390 066220U250FE2 066R220U250GE2 066330U250GE2 066390U250FJ2 066470U250HE2 066R470U250GJ2 066560U250GJ2 066680U250JE2 066R680U250HJ2 066101U250HJ2 066121U250GP2 066R121U250HL2 066151U250HL2 066R151U250JL2 066221U250JL2 066R221U250JP2 066271U250JP2 066R271U250JS2 066331U250JS2 066R331U250JT2 066391U250JT2 2.200 1.400 1.400 1.100 0.930 0.700 0.700 0.680 0.470 0.470 0.360 0.310 0.310 0.230 0.230 0.170 0.170 0.140 0.140 0.120 0.120 0.889 0.570 0.570 0.444 0.385 0.289 0.289 0.281 0.193 0.193 0.148 0.133 0.133 0.096 0.096 0.074 0.074 0.061 0.061 0.053 0.053 0.29 0.52 0.36 0.49 0.49 0.87 0.62 0.61 1.2 0.83 1.6 1.7 1.2 2.1 1.5 2.7 1.9 3.2 2.3 3.7 2.6 0.42 0.75 0.53 0.71 0.71 1.3 0.9 0.86 1.7 1.2 2.3 2.4 1.7 2.9 2.0 3.7 2.6 4.4 3.1 5.0 3.6 5/8 x 1 1/8 3/4 x 1 1/8 3/4 x 1 1/8 5/8 x 1 5/8 7/8 x 1 1/8 3/4 x 1 5/8 3/4 x 1 5/8 1 x 1 1/8 7/8 x 1 5/8 7/8 x 1 5/8 3/4 x 2 5/8 7/8 x 2 1/8 7/8 x 2 1/8 1 x 2 1/8 1 x 2 1/8 1 x 2 5/8 1 x 2 5/8 1 x 3 1/8 1 x 3 1/8 1 x 3 5/8 1 x 3 5/8
100 Vdc (125 Vdc Surge) 68 120 150 180 220 220 270 270 390 470 470 560 560 680 680 820 820 1000 1000 1200 1200 1500 1500 1800 1800 2200 2200 2700 3300 3900 066680U100FE2 066121U100GE2 066151U100FJ2 066181U100HE2 066221U100GJ2 066R221U100GE2 066271U100JE2 066X271U100GE2 066391U100HJ2 066471U100GP2 066R471U100GJ2 066561U100HL2 066X561U100GJ2 066681U100JL2 066R681U100HJ2 066821U100HS2 066X821U100HJ2 066102U100JP2 066R102U100HL2 066122U100JS2 066X122U100HL2 066152U100JT2 066R152U100JL2 066R182U100JP2 066X182U100JL2 066R222U100JS2 066X222U100JP2 066R272U1OOJT2 066X332U100JS2 066X392U100JT2 1.100 0.710 0.550 0.480 0.360 0.710 0.360 0.710 0.240 0.190 0.360 0.160 0.360 0.120 0.240 0.100 0.240 0.095 0.160 0.078 0.160 0.067 0.120 0.094 0.120 0.078 0.094 0.067 0.078 0.067 0.296 0.193 0.148 0.141 0.096 0.193 0.111 0.193 0.07 0.055 0.096 0.049 0.096 0.04 0.07 0.033 0.07 0.032 0.049 0.027 0.049 0.024 0.04 0.031 0.04 0.027 0.031 0.024 0.027 0.024 0.4 0.51 0.68 0.67 0.86 0.72 0.82 0.51 1.1 2.2 1.2 1.6 0.86 2.0 1.6 2.5 1.1 2.5 2.3 3.0 1.6 3.4 2.8 3.5 2.0 4.2 2.5 4.9 3.0 3.4 0.8 0.97 1.3 1.2 1.6 1.4 1.4 0.98 2.0 4.0 2.3 2.8 1.6 3.2 2.9 4.1 2.0 3.9 4.0 4.5 2.8 5.1 4.5 5.6 3.2 6.4 3.9 7.2 4.6 5.1 5/8 x 1 1/8 3/4 x 1 1/8 5/8 x 1 5/8 7/8 x 1 1/8 3/4 x 1 5/8 3/4 x 1 1/8 1 x 1 1/8 3/4 x 1 1/8 7/8 x 1 5/8 3/4 x 2 5/8 3/4 x 1 5/8 7/8 x 2 1/8 3/4 x 1 5/8 1 x 2 1/8 7/8 x 1 5/8 7/8 x 3 1/8 7/8 x 1 5/8 1 x 2 5/8 7/8 x 2 1/8 1 x 3 1/8 7/8 x 2 1/8 1 x 3 5/8 1 x 2 1/8 1 x 2 5/8 1 x 2 1/8 1 x 3 1/8 1 x 2 5/8 1 x 3 5/8 1 x 3 1/8 1 x 3 5/8
300 Vdc (350 Vdc Surge) 15 22 22 27 39 39 47 56 68 100 100 120 120 150 180 180 220 220 066150U300FE2 066220U300GE2 066R220U300GE2 066270U300FJ2 066390U300HE2 066R390U300GJ2 066470U300GJ2 066R560U300HJ2 066680U300HJ2 066101U300GP2 066R101U300HL2 066121U300HL2 066R121U300JL2 066151U300JL2 066181U300HS2 066R181U300JP2 066221U300JP2 066R221U300JS2 4.600 2.900 2.900 2.300 1.900 1.500 1.500 0.960 0.960 0.740 0.640 0.640 0.460 0.460 0.390 0.350 0.350 0.280 2.300 1.218 1.118 1.110 0.963 0.733 0.733 0.481 0.481 0.370 0.326 0.326 0.237 0.237 0.200 0.178 0.178 0.141 0.21 0.27 0.39 0.36 0.37 0.66 0.46 0.88 0.62 1.2 1.3 0.89 1.6 1.1 1.4 2.0 1.4 2.5 0.28 0.36 0.51 0.48 0.48 0.86 0.61 1.20 0.82 1.60 1.70 1.20 2.10 1.50 1.80 2.60 1.90 3.20 5/8 x 1 1/8 3/4 x 1 1/8 3/4 x 1 1/8 5/8 x 1 5/8 7/8 x 1 1/8 3/4 x 1 5/8 3/4 x 1 5/8 7/8 x 1 5/8 7/8 x 1 5/8 3/4 x 2 5/8 7/8 x 2 1/8 7/8 x 2 1/8 1 x 2 1/8 1 x 2 1/8 7/8 x 3 1/8 1 x 2 5/8 1 x 2 5/8 1 x 3 1/8
200 Vdc (250 Vdc Surge) 22 33 33 47 56 56 68 82 066220U200FE2 066330U200GE2 066R330U200GE2 066470U200FJ2 066560U200HE2 066R560U200GJ2 066680U200GJ2 066820U200JE2 2.000 1.300 1.300 0.990 0.840 0.640 0.640 0.620 0.889 0.563 0.563 0.437 0.378 0.281 0.281 0.281 0.3 0.39 0.55 0.52 0.52 0.93 0.66 0.65 0.43 0.54 0.76 0.72 0.71 1.30 0.91 0.87 5/8 x 1 1/8 3/4 x 1 1/8 3/4 x 1 1/8 5/8 x 1 5/8 7/8 x 1 l/8 3/4 x 1 5/8 3/4 x 1 5/8 1 x 1 1 1/8
CDM Cornell Dubilier * 140 Technology Place. * Liberty, SC* 29657 * Phone: (864)843-2277 * Fax: (864) 843-3800 * www.cde.com
Type 066/066R 85 C & 105 C, Standard, Axial Leaded, Aluminum
Ripple A Nominal ESR Max. @ 85 C Size (in) 120 Hz 20 kHz 120 Hz 20 kHz D x L Ripple A Nominal ESR Max. @ 85 C Size (in) 120 Hz 20 kHz 120 Hz 20 kHz D x L
Cap. ( F)
Catalog Part Number
Cap. ( F)
Catalog Part Number
300 Vdc (350 Vdc Surge) (cont'd) 270 270 330 066271U300JS2 066R271U300JT2 066331U300JT2 0.280 0.141 0.240 0.119 0.240 0.119 1.7 2.9 2.1 2.2 3.7 2.6 1 x 3 1/8 1 x 3 5/8 1 x 3 5/8 8.2 12 15 18 27 39 47 56 82 100 120 150
450 Vdc (500 Vdc Surge) 0668R2U450FE2 066120U450GE2 066150U450FJ2 066180U450HE2 066270U450GJ2 066390U450HJ2 066470U450GP2 066560U450HL2 066820U450JL2 066101U450JP2 066121U450JS2 066151U450JT2 6.20 4.00 3.10 2.60 2.00 1.30 1.00 0.87 0.63 0.47 0.38 0.32 2.740 1.780 1.410 1.190 0.889 0.585 0.444 0.393 0.281 0.215 0.170 0.148 0.18 0.23 0.30 0.31 0.39 0.52 1.00 0.75 0.94 1.20 1.50 1.70 0.25 0.32 0.43 0.44 0.55 0.73 1.40 1.00 1.30 1.70 2.00 2.40 5/8 x 1 1/8 3/4 x 1 1/8 5/8 x 1 5/8 7/8 x 1 1/8 3/4 x 1 5/8 7/8 x 1 5/8 3/4 x 2 5/8 7/8 x 2 1/8 1 x 2 1/8 1 x 2 5/8 1 x 3 1/8 1 x 3 5/8
350 Vdc (400 Vdc Surge) 12 18 18 22 27 33 33 39 56 56 68 82 82 120 120 150 150 180 180 220 220 066120U350FE2 066180U350GE2 066R180U350GE2 066220U350FJ2 066270U350HE2 066330U350GJ2 066R330U350GJ2 066390U350JE2 066560U350HJ2 066R560U350HJ2 066680U350GP2 066820U350HL2 066R820U350HL2 066R121U350JL2 066121U350JL2 066151U350JP2 066R151U350JP2 066181U350JS2 066R181U350JS2 066221U350JT2 066R221U350JT2 5.000 3.200 3.200 2.500 2.100 1.600 1.600 1.500 1.000 1.000 0.800 0.700 0.700 0.500 0.500 0.380 0.380 0.310 0.310 0.260 0.260 2.37 1.48 1.48 1.19 0.963 0.741 0.741 0.719 0.496 0.496 0.378 0.333 0.333 0.244 0.244 0.185 0.185 0.148 0.148 0.126 0.126 0.20 0.26 0.36 0.34 0.35 0.44 0.62 0.44 0.59 0.83 1.10 0.84 1.2 1.5 1.1 1.4 1.9 1.7 2.3 1.9 2.7 0.28 0.35 0.50 0.47 0.47 0.6 0.84 0.59 0.80 1.10 1.60 1.10 1.60 2.00 1.40 1.80 2.60 2.20 3.10 2.60 3.60 5/8 x 1 1/8 3/4 x 1 1/8 3/4 x 1 1/8 5/8 x 1 5/8 7/8 x 1 1/8 3/4 x 1 5/8 3/4 x 1 5/8 1 x 1 1/8 7/8 x 1 5/8 7/8 x 1 5/8 3/4 x 2 5/8 7/8 x 2 1/8 7/8 x 2 1/8 1 x 2 1/8 1 x 2 1/8 1 x 2 5/8 1 x 2 5/8 1 x 3 1/8 1 x 3 1/8 1 x 3 5/8 1 x 3 5/8
400 Vdc (450 Vdc Surge) 10 12 15 18 22 27 27 33 39 47 56 56 68 82 100 100 120 120 150 150 180 066100U400FE2 066R120U400GE2 066150U400GE2 066180U400FJ2 066220U400HE2 066270U400GJ2 066R270U400GJ2 066330U400JE2 066R390U400HJ2 066470U400HJ2 066560U4OOGP2 066R560U400HL2 066680U400HL2 066R820U400JL2 066101U4O0JL2 066R101U400JP2 066121U400JP2 066R121U400JS2 066151U400JS2 066R151U400JT2 066181U400JT2 5.400 3.500 3.500 2.700 2.300 1.700 1.700 1.600 1.100 1.100 0.870 0.760 0.760 0.550 0.550 0.410 0.410 0.330 0.330 0.280 0.280 2.370 1.560 1.560 1.190 1.040 0.741 0.741 0.733 0.511 0.511 0.393 0.341 0.341 0.244 0.244 0.185 0.185 0.148 0.148 0.126 0.126 0.19 0.34 0.24 0.32 0.33 0.41 0.58 0.42 0.79 0.56 1.1 1.1 0.8 1.4 1.0 1.8 1.3 2.2 1.6 2.6 1.8 0.27 0.49 0.34 0.46 0.46 0.58 0.83 0.58 1.10 0.78 1.5 1.6 1.1 2.0 1.4 2.5 1.8 3.1 2.2 3.6 2.5 5/8 x 1 1/8 3/4 x 1 1/8 3/4 x 1 1/8 5/8 x 1 5/8 7/8 x 1 1/8 3/4 x 1 5/8 3/4 x 1 5/8 1 x 1 1/8 7/8 x 1 5/8 7/8 x 1 5/8 3/4 x 2 5/8 7/8 x 2 1/8 7/8 x 2 1/8 1 x 2 1/8 1 x 2 1/8 1 x 2 5/8 1 x 2 5/8 1 x 3 1/8 1 x 3 l/8 1 x 3 5/8 1 x 3 5/8
CDM Cornell Dubilier * 140 Technology Place. * Liberty, SC* 29657 * Phone: (864)843-2277 * Fax: (864) 843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 066392U063JT2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X